Part Number Hot Search : 
MRF151 073644 87C510 DS18B20Z 26000 UN221K MZ4102 0603X
Product Description
Full Text Search
 

To Download BZW04P5V8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 4 5.8v-376v 40a e-mail: sales@taychipst.com web site: www.taychipst.com features maximum ratings and electrical characteristics ? glass passivated chip junction ? available in uni-directional and bi-directional ? 400 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec transient voltage suppressors mechanical data case: do-204al, molded epoxy over passivated chip molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs comp liant, commercial grade base p/nhe3 - rohs co mpliant, high reliability/ automotive grade (aec q101 qualified) terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix meets jesd 201 class 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test note: bzw04-213(b) ~ bzw04-376(b) for commercial grade only polarity: for uni-directional types the color band denotes cathode end, no marking on bi-directional types notes: (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) measured on 8.3 ms single half si ne-wave or equivalent square wave, dut y cycle = 4 pulses per minute maximum (3) v f = 3.5 v for bzw04p(-)188 and below; v f = 5.0 v for bzw04p(-)213 and above maximum ratings and th ermal characteristics (t a = 25 c unless otherwise noted) parameter symbol limit unit peak pulse power dissipatio n with a 10/1000 s waveform (1) (fig. 1) p ppm 400 w peak pulse current with a 10/1000 s waveform (1) i ppm see next table a power dissipation on infi nite heatsink at t l = 75 c (fig. 5) p d 1.5 w peak forward surge current, 8.3 ms si ngle half sine-wave uni-directional only (2) i fsm 40 a maximum instantaneous forward voltage at 25 a for uni-directional only (3) v f 3.5/5.0 v operating junction and storage temperature range t j , t stg - 55 to + 175 c bzw04p-5v8 thru bzw04-376
2 of 4 5.8v-376v 40a e-mail: sales@taychipst.com web site: www.taychipst.com electrical characteristics t j =25 c unless otherwise speci?ed. transient voltage suppressors electrical characteristics (t a = 25 c unless otherwise noted) part number breakdown voltage v br at i t (1) (v) test current i t (ma) stand- off voltage v wm (v) maximum reverse leakage at v wm i d (4) (a) maximum peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temperature coefficient of v br (%/c) uni-directional bi-directional min. max. BZW04P5V8 BZW04P5V8b 6.45 7.48 10.0 5.80 1000 38.0 10.5 0.057 bzw04-5v8 bzw04-5v8b 6.45 7.14 10.0 5.80 1000 38.0 10.5 0.057 bzw04p6v4 bzw04p6v4b 7.13 8.25 10.0 6.40 500 35.4 11.3 0.061 bzw04-6v4 bzw04-6v4b 7.13 7.88 10.0 6.40 500 35.4 11.3 0.061 bzw04p7v0 bzw04p7v0b 7.79 9.02 10.0 7.02 200 33.0 12.1 0.065 bzw04-7v0 bzw04-7v0b 7.79 8.61 10.0 7.02 200 33.0 12.1 0.065 bzw04p7v8 bzw04p7v8b 8.65 10.0 1.0 7.78 50 30.0 13.4 0.068 bzw04-7v8 bzw04-7v8b 8.65 9.55 1.0 7.78 50 30.0 13.4 0.073 bzw04p8v5 bzw04p8v5b 9.50 11.0 1.0 8.55 10 27.6 14.5 0.07 bzw04-8v5 bzw04-8v5b 9.50 10.5 1.0 8.55 10 27.6 14.5 0.075 bzw04p9v4 bzw04p9v4b 10.5 12.1 1.0 9.4 5.0 25.7 15.6 0.075 bzw04-9v4 bzw04-9v4b 10.5 11.6 1.0 9.4 5.0 25.7 15.6 0.075 bzw0p10 bzw0p10b 11.4 13.2 1.0 10.2 5.0 24.0 16.7 0.078 bzw04-10 bzw04-10b 11.4 12.6 1.0 10.2 5.0 24.0 16.7 0.078 bzw04p11 bzw04p11b 12.4 14.3 1.0 11.1 5.0 22.0 18.2 0.081 bzw04-11 bzw04-11b 12.4 13.7 1.0 11.1 5.0 22.0 18.2 0.081 bzw04p13 bzw04p13b 14.3 16.5 1.0 12.8 5.0 19.0 21.2 0.084 bzw04-13 bzw04-13b 14.3 15.8 1.0 12.8 5.0 19.0 21.2 0.084 bzw04p14 bzw04p14b 15.2 17.6 1.0 13.6 1.0 17.8 22.5 0.086 bzw04-14 bzw04-14b 15.2 16.8 1.0 13.6 1.0 17.8 22.5 0.086 bzw04p15 bzw04p15b 17.1 19.8 1.0 15.3 1.0 16.0 25.2 0.088 bzw04-15 bzw04-15b 17.1 18.9 1.0 15.3 1.0 16.0 25.2 0.088 bzw04p17 bzw04p17b 19.0 22.0 1.0 17.1 1.0 14.5 27.7 0.090 bzw04-17 bzw04-17b 19.0 21.0 1.0 17.1 1.0 14.5 27.7 0.090 bzw04p19 bzw04p19b 20.9 24.2 1.0 18.8 1.0 13.0 30.6 0.092 bzw04-19 bzw04-19b 20.9 23.1 1.0 18.8 1.0 13.0 30.6 0.092 bzw04p20 bzw04p20b 22.8 26.4 1.0 20.5 1.0 12.0 33.2 0.094 bzw04-20 bzw04-20b 22.8 25.2 1.0 20.5 1.0 12.0 33.2 0.094 bzw04p23 bzw04p23b 25.7 29.7 1.0 23.1 1.0 10.7 37.5 0.096 bzw04-23 bzw04-23b 25.7 28.4 1.0 23.1 1.0 10.7 37.5 0.096 bzw04p26 bzw04p26b 28.5 33.0 1.0 25.6 1.0 9.6 41.5 0.097 bzw04-26 bzw04-26b 28.5 31.5 1.0 25.6 1.0 9.6 41.5 0.097 bzw04p28 bzw04p28b 31.4 36.3 1.0 28.2 1.0 8.8 45.7 0.098 bzw04-28 bzw04-28b 31.4 34.7 1.0 28.2 1.0 8.8 45.7 0.098 bzw04p31 bzw04p31b 34.2 39.6 1.0 30.8 1.0 8.0 49.9 0.099 bzw04-31 bzw04-31b 34.2 37.8 1.0 30.8 1.0 8.0 49.9 0.099 bzw04p33 bzw04p33b 37.1 42.9 1.0 33.3 1.0 7.4 53.9 0.100 bzw04-33 bzw04-33b 37.1 41.0 1.0 33.3 1.0 7.4 53.9 0.100 bzw04p37 bzw04p37b 40.9 47.3 1.0 36.8 1.0 6.7 59.3 0.101 bzw04-37 bzw04-37b 40.9 45.2 1.0 36.8 1.0 6.7 59.3 0.101 bzw04p40 bzw04p40b 44.7 51.7 1.0 40.2 1.0 6.2 64.8 0.101 bzw04-40 bzw04-40b 44.7 49.4 1.0 40.2 1.0 6.2 64.8 0.101 bzw04p44 bzw04p44b 48.5 56.1 1.0 43.6 1.0 5.7 70.1 0.102 bzw04-44 bzw04-44b 48.5 53.6 1.0 43.6 1.0 5.7 70.1 0.102 bzw04p48 bzw04p48b 53.2 61.6 1.0 47.8 1.0 5.2 77.0 0.103 bzw04-48 bzw04-48b 53.2 58.8 1.0 47.8 1.0 5.2 77.0 0.103 bzw04p53 bzw04p53b 58.9 68.2 1.0 53.0 1.0 4.7 85.0 0.104 bzw04-53 bzw04-53b 58.9 65.1 1.0 53.0 1.0 4.7 85.0 0.104 bzw04p58 bzw04p58b 64.6 74.8 1.0 58.1 1.0 4.3 92.0 0.104 bzw04-58 bzw04-58b 64.6 71.4 1.0 58.1 1.0 4.3 92.0 0.104 bzw04p64 bzw04p64b 71.3 82.5 1.0 64.1 1.0 3.9 103 0.105 bzw04-64 bzw04p64b 71.3 78.8 1.0 64.1 1.0 3.9 103 0.105 bzw04p-5v8 thru bzw04-376
3 of 4 5.8v-376v 40a e-mail: sales@taychipst.com web site: www.taychipst.com transient voltage suppressors notes: (1) pulse test: t p 50 ms (2) surge current waveform per fig. 3 and derated per fig. 2 (3) all terms and symbols are consistent with ansi/ieee c62.35 (4) for bi-directional types having v wm of 10 v and less, the i d limit is doubled bzw04p70 bzw04p70b 77.9 90.2 1.0 70.1 1.0 3.5 113 0.105 bzw04-70 bzw04-70b 77.9 86.1 1.0 70.1 1.0 3.5 113 0.105 bzw04p78 bzw04p78b 86.5 100 1.0 78.0 1.0 3.2 125 0.105 bzw04-78 bzw04-78b 86.5 95.5 1.0 78.0 1.0 3.2 125 0.105 bzw04p85 bzw04p85b 95.0 110 1.0 85.5 1.0 2.9 137 0.106 bzw04-85 bzw04-85b 95.0 105 1.0 85.5 1.0 2.9 137 0.106 bzw04p94 bzw04p94b 105 121 1.0 94.0 1.0 2.6 152 0.107 bzw04-94 bzw04-94b 105 116 1.0 94.0 1.0 2.6 152 0.107 bzw04p102 bzw04p102b 114 132 1.0 102 1.0 2.4 165 0.107 bzw04-102 bzw04-102b 114 126 1.0 102 1.0 2.4 165 0.107 bzw04p110 bzw04p110b 124 143 1.0 111 1.0 2.2 179 0.107 bzw04-110 bzw04-110b 124 137 1.0 111 1.0 2.2 179 0.107 bzw04p128 bzw04p128b 143 165 1.0 128 1.0 2.0 207 0.108 bzw04-128 bzw04-128b 143 158 1.0 128 1.0 2.0 207 0.108 bzw04p136 bzw04p136b 152 176 1.0 136 1.0 1.8 219 0.108 bzw404-136 bzw404-136b 152 168 1.0 136 1.0 1.8 219 0.108 bzw04p145 bzw04p145b 161 187 1.0 145 1.0 1.7 234 0.108 bzw04-145 bzw04-145b 161 179 1.0 145 1.0 1.7 234 0.108 bzw04p154 bzw04p154b 171 198 1.0 154 1.0 1.6 246 0.108 bzw04-154 bzw04-154b 171 189 1.0 154 1.0 1.6 246 0.108 bzw04p171 bzw04p171b 190 220 1.0 171 1.0 1.5 274 0.108 bzw04-171 bzw04-171b 190 210 1.0 171 1.0 1.5 274 0.108 bzw04p188 bzw04p188b 209 242 1.0 188 1.0 1.4 301 0.108 bzw04-188 bzw04-188b 209 231 1.0 188 1.0 1.4 301 0.108 bzw04p213 bzw04p213b 237 275 1.0 213 1.0 1.2 344 0.110 bzw04-213 bzw04-213b 237 263 1.0 213 1.0 1.2 344 0.110 bzw04p239 bzw04p239b 266 308 1.0 239 1.0 1.1 384 0.110 bzw04-239 bzw04-239b 266 294 1.0 239 1.0 1.1 384 0.110 bzw04p256 bzw04p256b 285 330 1.0 256 1.0 1.0 414 0.110 bzw04-256 bzw04-256b 285 315 1.0 256 1.0 1.0 414 0.110 bzw04p273 bzw04p273b 304 352 1.0 273 1.0 0.90 438 0.110 bzw04-273 bzw04-273b 304 336 1.0 273 1.0 0.90 438 0.110 bzw04p299 bzw04p299b 332 385 1.0 299 1.0 0.80 482 0.110 bzw04-299 bzw04-299b 332 368 1.0 299 1.0 0.80 482 0.110 bzw04p342 bzw04p342b 380 440 1.0 342 1.0 0.75 548 0.110 bzw04-342 bzw04-342b 380 420 1.0 342 1.0 0.75 548 0.110 bzw04p376 bzw04p376b 418 484 1.0 376 1.0 0.67 603 0.110 bzw04-376 bzw04-376b 418 462 1.0 376 1.0 0.67 603 0.110 electrical characteristics (t a = 25 c unless otherwise noted) part number breakdown voltage v br at i t (1) (v) test current i t (ma) stand- off voltage v wm (v) maximum reverse leakage at v wm i d (4) (a) maximum peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temperature coefficient of v br (%/c) uni-directional bi-directional min. max. bzw04p-5v8 thru bzw04-376
4 of 4 5.8v-376v 40a bzw04p-5v8 thru bzw04-376 ratings and characteristic curves byw04p-5v8 thru bzw04-376 e-mail: sales@taychipst.com web site: www.taychipst.com transient voltage suppressors figure 1. peak pulse power rating curve figure 2. pulse power or current vs. initial junction temperature figure 3. pulse waveform 100 10 1 0.1 n on-repetiti v e p u lse w a v eform sho w n in fig. 3 t a = 25 c 0.1 1 10 100 1000 10 000 p ppm - peak p u lse p o w er (k w ) t d - p u lse w idth ( s) 100 75 50 25 0 0 25 50 75 100 125 150 175 200 peak p u lse po w er (p pp ) or c u rrent (i pp ) derating in percentage ( % ) t j - initial temperat u re (c) 0 1.0 2.0 3.0 4.0 0 50 100 150 t d t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t r = 10 s peak v al u e i ppm half v al u e - i ppm i pp 2 10/1000 s w a v eform as defined b y r.e.a. t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm figure 4. typical junction capacitance figure 5. power derating curve figure 6. max. non-repetitive forward surge current uni-directional only 10 100 1000 10 000 1 10 100 1000 meas u red at zero bias meas u red at stand-off v oltage v w m t j = 25 c f = 1.0 mhz v sig = 50 m v p-p c j - j u nction capacitance (pf) v br - breakdo w n v oltage ( v ) p d - po w er dissipation ( % ) t l - lead temperat u re (c) 60 hz resisti v e or ind u cti v e load 100 75 50 25 0 0 25 50 75 100 125 150 175 200 l = 0.375" (9.5 mm) lead lengths 1 10 100 10 100 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t j = t j max. 8 .3 ms single half sine- w a v e


▲Up To Search▲   

 
Price & Availability of BZW04P5V8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X